Part Number Hot Search : 
UAA2016D TDA800 1837200 LBT41301 MC74H 11600 AIC811 MT100
Product Description
Full Text Search
 

To Download AS-3W-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE RELAY
2 POLES--1 to 2 A (FOR SIGNAL SWITCHING)
AS SERIES
s FEATURES
q q
q q
q q q q
Flat type relay for surface mounting Super small and light weight --Height: 6.5 mm --Weight: approximately 1.5 g UL, CSA recognized Conforms to FCC Part 68 --Surge strength 1,500 V High sensitivity and low power consumption High reliability--bifurcated contacts DIL pitch terminals Plastic sealed type
NO
AS L - D (a) (b) (*) (c)
s ORDERING INFORMATION
[Example]
(a) (b) (c) (d) (e) (f ) (g) (h)
Series Name
Operation Function Number of Coil Nominal Voltage Contact Enclosure
DE
TF
12 W - K (d) (e) (*) (f )
AS : AS Series
SI
Nil : Standard type L : Latching type
OR
- B 05 (*) (g) (h)
Nil : Single winding type D : Double winding type
Refer to the COIL DATA CHART W : Bifurcated type
K : Plastic sealed type B : Standard type 05 : 500 pieces
Packing Orientation Packing Quantity
GN
NE
S
W
Note: Actual marking omits the hyphen (-) of (*) and "-B05"
AS SERIES
s SAFETY STANDARD AND FILE NUMBERS
UL478, 508 (File No. E45026) C22.2 No. 14 (File No. LR35579) Only UL/CSA approval markings are marked on the cover.
Nominal voltage 1.5 to 48 VDC 0.5 A 2A 0.3 A 125 VAC 30 VDC 110 VDC Contact rating resistive
s SPECIFICATIONS
Contact
Arrangement Material Style
NO
Item
Standard Type AS-( ) W-K 2 Form C (DPDT)
Single Winding Latching Type Double Winding Latching Type ASL-( ) W-K ASL-D ( ) W-K
Resistance (initial) Rating (resistive)
Maximum Carrying Current Maximum Switching Power
Maximum Switching Voltage Maximum Switching Current Minimum Switching Load*1 Capacitance (at 1 kHz) Coil
DE
TF
Bifurcated 2A
Gold overlay silver alloy
Maximum 50 m (at 1 A 6 VDC) 0.5 A 125 VAC or 1 A 30 VDC
62.5 AV, 30 W
250 VAC, 220 VDC 2A
Nominal Power (at 20C) Operate Power (at 20C) Operating Temperature
SI
OR
0.01 mA 10 mVDC
Approximately 0.5 pF (between open contacts, adjacent contacts) Approximately 1.0 pF (between coil and contacts)
0.14 to 0.3 W
0.08 to 0.17 W
-40C to +85C (no frost) (refer to the CHARACTERISTIC DATA) Maximum 6 ms Maximum 6 ms (set) Maximum 6 ms (reset)
Time Value
Operate (at nominal voltage) Release (at nominal voltage)
GN
0.1 to 0.15 W
NE
0.20 to 0.3 W
0.06 to 0.085 W
0.11 5 to 0.17 W
Maximum 4 ms Minimum 1,000 M 750 VAC 1 minute 1,000 VAC 1 minute 1,000 VAC 1 minute
Insulation
Resistance (at 500 VDC) between open contacts Dielectric Strength between adjacent contacts between coil and contacts Surge Strength
S
W
1,500 V (at 10 x 160 s) (between coil and contacts) 1 x 108 operations minimum 1 x 107 operations minimum 2 x 105 ops. min. (0.5 A 125 VAC), 5 x 105 ops. min. (1 A 30 VDC) 10 to 55 Hz (double amplitude of 3.3 mm) 10 to 55 Hz (double amplitude of 5.0 mm) 500 m/s2 (11 1 ms) 1,000 m/s2 ( 6 1 ms) Approximately 1.5 g
Life
Mechanical Electrical
Other
Misoperation Vibration Resistance Endurance Misoperation Shock Resistance Endurance Weight
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels.
2
AS SERIES
s COIL DATA CHART
MODEL AS-1.5 W-K AS- 3 W-K AS-4.5 W-K Standard Type AS- 5 W-K AS- 6 W-K AS- 9 W-K AS- 12 W-K AS- 18 W-K AS- 24 W-K AS- 48 W-K *1 Nominal voltage 1.5 VDC 3 VDC 4.5 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 24 VDC 48 VDC Coil resistance (10%) 16.1 64.3 145 178 257 579 1,028 1,620 2,880 7,680 Must operate voltage*1 +1.13 VDC +2.25 VDC +3.38 VDC +3.75 VDC +4.5 VDC +6.75 VDC +9.0 VDC +13.5 VDC +18.0 VDC +36.0 VDC Must release voltage*1 +0.15 VDC +0.3 VDC +0.45 VDC +0.5 VDC +0.6 VDC +0.9 VDC +1.2 VDC +1.8 VDC +2.4 VDC +4.8 VDC Nominal power 140 mW 140 mW 140 mW 140 mW 140 mW 140 mW 140 mW 200 mW 200 mW 300 mW
Note: Specified values are subject to pulse wave voltage. All values in the table are measured at 20C. Nominal voltage 1.5 VDC 3 VDC 5 VDC 6 VDC 9 VDC 4.5 VDC Coil resistance (10%) 22.5 90 203 250 Set voltage*1 Reset voltage*1 -1.13 VDC -2.25 VDC -3.38 VDC Nominal power 100 mW 100 mW 100 mW 100 mW 100 mW 100 mW 100 mW
NO
MODEL ASL-1.5 W-K Single Winding Latching Type ASL- 3 W-K ASL-4.5 W-K ASL- 5 W-K ASL- 6 W-K ASL- 9 W-K ASL- 12 W-K ASL- 18 W-K ASL- 24 W-K ASL-D1.5 W-K ASL-D 3 W-K ASL-D4.5 W-K ASL-D 5 W-K ASL-D 6 W-K ASL-D 9 W-K ASL-D 12 W-K ASL-D 18 W-K ASL-D 24 W-K
DE
12 VDC 18 VDC 24 VDC 1.5 VDC 3 VDC 4.5 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 24 VDC
TF SI
P S P S P S P S P S P S
360 810
OR
+1.13 VDC +2.25 VDC +3.38 VDC +3.75 VDC +6.75 VDC
+4.5 VDC +9.0 VDC
1,440 2,160 3,840
P 11.25 45 45 101 125 125 180 180 405 405 720 720 101
S 11.25
GN
+13.5 VDC +18.0 VDC +1.13 VDC +2.25 VDC +3.38 VDC +3.75 VDC
NE
-4.5 VDC -9.0 VDC -6.75 VDC -13.5 VDC -18.0 VDC +1.13 VDC +2.25 VDC +3.38 VDC +3.75 VDC +4.5 VDC
-3.75 VDC
Double Winding Latching Type
S
W
150 mW 150 mW 200 mW 200 mW 200 mW 200 mW 200 mW 200 mW 200 mW 300 mW 300 mW
+4.5 VDC +6.75 VDC +6.75 VDC +9.0 VDC +9.0 VDC +13.5 VDC +13.5 VDC +18.0 VDC +18.0 VDC
P 1,080 S 1,080 P 1,920 S 1,920
Note: *1 Specified values are subject to pulse wave voltage. All values in the table are measured at 20C.
P: Primary coil S: Secondary coil
3
AS SERIES
s CHARACTERISTIC DATA
Please see A relays.
s REFERENCE DATA
z ~ P
100 80 AS-5W-K n=100 Make Break 60 40 20 0 10 20 30 40 50 60
Distribution of Contact Resistance
NO
70
Distribution(%)
ContactResistance(m)
DE
80
TF SI
OR
GN
NE
S
W
4
AS SERIES
s DIMENSIONS
q Schematics (TOP VIEW) AS, ASL type (Non-latching type, single winding latching type) q Dimensions q PC board mounting pad layout (TOP VIEW)
ASL-D type (Double winding latching type)
NO
s RECOMMENDED SOLDERING CONDITIONS (TEMPERATURE PROFILE)
DE
TF SI
OR
GN
NE
Unit: mm
S
W
Note:
1. Temperature profiles show the temperature of the PC board surface. 2. Please perform soldering test with your actual PC board before mass production, since the temperatures of PC board surfaces vary according to the size of PC board, status of parts mounting and heating method.
5
AS SERIES
s PACKING
(1) PACKING METHOD (ONLY TAPE PACKING IS AVAILABLE) * Taping standards : JIS C 0806 and * Packing orientation code : B RC - 1009B (EIAJ) * Tape type : TB2416 or TE2416 * Reel type : R24D Orientation mark side * Quantity of 1 reel : 500 pieces
Feeding
(2) DIMENSIONS (in mm) * REEL DIMENSIONS
NO
* TAPE DIMENSIONS
o 1.55
DE
Fujitsu Components International Headquarter Offices
TF SI
Note: Relays are sold in packs of 500 pieces, please order 500 pieces as one unit.
OR
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: marcom@fcai.fujitsu.com Web: www.fcai.fujitsu.com
GN
S
Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info@fceu.fujitsu.com Web: www.fceu.fujitsu.com
NE
W
Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 375-8560 Fax: (65) 273-3021 Email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com
(c) 2002 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks of their respective owners. Rev. 03/2002
6


▲Up To Search▲   

 
Price & Availability of AS-3W-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X